Part Number Hot Search : 
TLOH17T TLOH17T MZP4732 TLOH17T L2283B MBR1540 KT841W11 TLOH17T
Product Description
Full Text Search
 

To Download 87834-1641 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0878341641 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch c-grid? header, dual row, low profile, vertical, shrouded, without pcb locator, without end window, 0.13m (5) gold (au) flash plating, nylon housing, 16 circuits, lead-free documents: 3d model product specification ps-70246-100 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family pcb headers series 87834 application wire-to-board overview cgrid__sl_products product name c-grid? physical breakaway no circuits (loaded) 16 circuits (maximum) 16 color - resin natural first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part yes lock to mating part none material - plating mating gold material - plating termination tin material - resin nylon number of rows 2 orientation vertical pc tail length (in) 0.135 in pc tail length (mm) 3.43 mm pcb locator no pcb retention none packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 5 plating min: mating (m) 0.13 plating min: termination (in) 98 plating min: termination (m) 2.50 polarized to mating part center slot polarized to pcb no shrouded fully stackable no temperature range - operating -55c to +120c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87834 series mates with .050" pitch ribbon cable connectors
electrical current - maximum per contact 2.5a voltage - maximum 250v dc solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 265 material info reference - drawing numbers packaging specification pk-87835-001 product specification ps-70246-100 sales drawing sd-87834-023 this document was generated on 05/25/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 87834-1641

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X